Part Number Hot Search : 
MJ100 NAB12T MAX4760 TS317 A1502 P200F C4002 MPSH10
Product Description
Full Text Search
 

To Download FCT1-120M2SLB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? coilcraft, inc. 2010 specifications subject to change without notice. please check our website for latest information. document 635 document 635 revised 02/18/09 1. when ordering, please specify a packaging code: fct1-50m2sl d packaging: d =13 machine ready reel. eia-481 embossed plastic tape (175 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter d instead. 2. inductance is measured at 250 khz, 0.5 vrms, 0 adc. 3. dcr for the secondary is measured with the windings connected in parallel. 4. leakage inductance is for the primary and is measured with the secondary shorted. 5. turns ratio is with the secondary windings connected in parallel. 6. output is with the secondary windings connected in parallel. auxiliary winding output is 10 v, 20 ma. 7. electrical specifications at 25c. refer to doc 362 ?soldering surface mount components? before soldering. leakage input part inductance 2 dcr max (mohms) 3 inductance 4 voltage turns ratio 5 number 1 nom (h) pri sec aux max (h) r ange (v) pri : sec pri : aux output 6 fct1-33m2sl_ 705 55 6.0 320 0.510 36 ? 75 1 : 0.24 1 : 0.67 3.3 v, 4.6 a fct1-50m2sl_ 705 55 13.5 320 0.425 36 ? 75 1 : 0.33 1 : 0.67 5.0 v, 3.0 a fct1-90m2sl_ 705 55 33.5 320 0.340 36 ? 75 1 : 0.57 1 : 0.67 9.0 v, 1.67 a fct1-120m2sl_ 705 55 46.5 320 0.340 36 ? 75 1 : 0.71 1 : 0.67 12 v, 1.25 a fct1-150m2sl_ 705 55 72.5 320 0.310 36 ? 75 1 : 0.90 1 : 0.67 15 v, 1.0 a secondary windings to be connected in parallel on pc board. core material ferrite terminations rohs tin-silver over tin over nickel over phos bronze. other terminations available at additional cost. weight 6.9 ? 7.1 g ambient temperature ?40c to +85c storage temperature component: ?40c to +85c. packaging: ?40c to +80c resistance to soldering heat max three 40 second reflows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited floor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 175 per 13 reel plastic tape: 32 mm wide, 0.5 mm thick, 28 mm pocket spacing, 12.93 mm pocket depth pcb washing only pure water or alcohol recommended 1 4 2 5 primary auxiliary secondary 10 6 7 9 dimensions are in inches mm ? designed for forward topology operating at 250 khz ? five different outputs from 3.3 v to 15 v; 36 ? 75 v input ? 1500 vrms isolation from primary and aux to the secondary ? fct1-50m2sl was developed for use with national semiconductor lm5015 and is referenced on application note an-1724 as ca2983-cl and on an-1725 as ga2983-cl. 15 w forward mode transformers 0.061 1,55 1 0.500 12,70 0.530 13,46 0.039 1,00 0.512 13,00 0.699 17,75 max 0.590 14,99 0.028 0,70 0.050 1,27 0.098 2,50 0.098 2,50 max max 5 6 1 10 recommended land pattern 0.004 /0,10 dot above pin1


▲Up To Search▲   

 
Price & Availability of FCT1-120M2SLB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X